PART |
Description |
Maker |
HIP4080A04 HIP4080AIBZ HIP4080AIPZ HIP4080AIP HIP4 |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDIP20 80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Input Comparators; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 Driver, Full Bridge FET, Complementry N-Channel Outputs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
4322-022-51720 4322-022-51980 4322-025-01800 |
CORE FULL RM8/1-3H3 PAIR CORE FULL RM8/1-3E5 PAIR CORE FULL RM8/1-3C90 PAIR 核的全部RM8/1-3C90一
|
Stackpole Electronics, Inc.
|
10ETS08FP 10ETS08FPPBF 10ETS12FPPBF |
10 A, 800 V, SILICON, RECTIFIER DIODE, TO-220AC FULL PACK-2 Input Rectifier Diode TO-220 FULL-PAK, 10 A
|
Microsemi, Corp. Vishay Siliconix
|
RC-161WB-PCIE6S RC-161WB-PCIE6S1 RC-161WA-BP6S RC- |
Full-size Wallmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
|
BOSER Technology Co., Ltd
|
C8051F341-GQ C8051F34B-GQ C8051F34B-GM C8051F342-G |
Full Speed USB Flash MCU Family 8-BIT, FLASH, 48 MHz, MICROCONTROLLER, PQFP48 On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
|
Silicon Laboratories, Inc.
|
HIP4082IBZT |
80V/1.25A Peak Current Full Bridge FET Driver; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO16
|
Intersil, Corp.
|
OMD60L60FL OMD150N06FL |
TRANSISTOR | IGBT POWER MODULE | FULL BRIDGE | 600V V(BR)CES | 75A I(C) 晶体管| IGBT功率模块|全桥| 600V的五(巴西)国际消费电子展| 75A条一c TRANSISTOR | MOSFET POWER MODULE | FULL BRIDGE | 60V V(BR)DSS | 150A I(D)
|
Unisonic Technologies Co., Ltd.
|
APTGF30H60T3 |
Full Bridge - IGBT Full - Bridge NPT IGBT Power Module
|
ADPOW[Advanced Power Technology]
|
APTGT35H120T3 |
Full Bridge - IGBT Full - Bridge Trench IGBT Power Module
|
Advanced Power Technology
|
TA8440H TA8440HQ TA8440 TA8440F |
DC MOTOR FULL BRIDGE DRIVER F TYPE: UNDER DEVELOPMENT Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
FODM121CV FODM121AR2 FODM121AR2V |
4-pin Full Pitch MFP Phototransistor Output Optocoupler; Package: Full Pitch MFP; No of Pins: 4; Container: Box 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER 4-pin Full Pitch MFP Phototransistor Output Optocoupler; Package: Full Pitch MFP; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor, Corp.
|
SI-8050E SI-8000E SI-8090E SI-B8050E SI-8120E |
Full-Mold, Separate Excitation Switching Type 0.61 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, ZFM5 Full-Mold Separate Excitation Switching Type Full-Mold/ Separate Excitation Switching Type
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|